Part Number Hot Search : 
103SFC2D 5KP30A WRB2405 NTE1377 29F40 ES5196 TLP596G CPH3456
Product Description
Full Text Search
 

To Download SSM9962GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM9962M/GM
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
Simple drive requirement Lower gate charge Fast switching characteristics
D2 D1 D1
D2
BV DSS R DS(ON)
G2 S2
40V 25m 7A
ID
SO-8
S1
G1
Description
D1 D2
Advanced Power MOSFETs from Silicon Standard provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The SSM9962M is in the SO-8 package, which is widely preferred for commercial and industrial surface mount applications, and is well suited for low voltage applications such as DC/DC converters.
G1 S1
G2 S2
This device is available with Pb-free lead finish (second-level interconnect) as SSM9962GM.
Absolute Maximum Ratings
Symbol VDS VGS ID @ TA=25C ID @ TA=100C IDM PD @ TA=25C TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating 40 20 7 5.5 20 2 0.016 -55 to 150 -55 to 150
Units V V A A A W W/C C C
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 62.5
Unit C/W
8/21/2004 Rev.2.01
www.SiliconStandard.com
1 of 5
SSM9962M/GM
Electrical Characteristics @ T j=25oC (unless otherwise specified)
Symbol BVDSS Parameter Drain-Source Breakdown Voltage
2
Test Conditions VGS=0V, ID=250uA
Min. 40 1 -
Typ. 0.1
Max. Units 25 40 3 1 25 100 V V/C m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
BV DSS/Tj
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Breakdown Voltage Temperature Coefficient Reference to 25C, ID=1mA
Static Drain-Source On-Resistance
VGS=10V, ID=7A VGS=4.5V, ID=5A VDS=VGS, ID=250uA VDS=10V, ID=7A
11 25.8 4.4 9.1 10.6 6.8 26.3 12 1165 205 142
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70oC)
o
VDS=40V, VGS=0V VDS=32V ,VGS=0V VGS= 20V ID=7A VDS=32V VGS=4.5V VDS=20V ID=1A RG=5.7 ,VGS=10V RD=20 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2
Test Conditions IS=1.7A, VGS=0V Is=1.7A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 21.2 16
Max. Units 1.2 V ns nC
trr
Qrr
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 135C/W when mounted on min. copper pad.
8/21/2004 Rev.2.01
www.SiliconStandard.com
2 of 5
SSM9962M/GM
25
25
T C =25 C
20
o
10V 8.0V
20
T C =150 C
o
10V 8.0V 5.0V
5.0V ID , Drain Current (A) 4.0V
15
ID , Drain Current (A)
4.0V
15
10
10
V G =3.0V
5
5
V G =3.0V
0 0 1 2 3 4 5 6
0 0 1 2 3 4 5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
35
1.8
ID=7A T C =25 o C
30
1.6
I D =7A VG=10V
Normalized RDS(ON)
1.4
RDS(ON) (m )
25
1.2
1.0
20
0.8
15 3 4 5 6 7 8 9 10 11
0.6 -50 0 50 100 150
V GS (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance vs. Gate Voltage
Fig 4. Normalized On-Resistance vs. Junction Temperature
3
100
2.8
2.6
10
2.4
o T j =150 C
T j =25 o C VGS (th)
2.2
IS(A)
1
2
1.8
1.6
0.1
1.4
1.2
0.01 0 0.4 0.8 1.2 1.6
1 -50 0 50 100 150
V SD (V)
Junction Temperature ( C )
o
Fig 5. Forward Characteristic of Reverse Diode
8/21/2004 Rev.2.01
Fig 6. Gate Threshold Voltage vs. Junction Temperature
www.SiliconStandard.com
3 of 5
SSM9962M/GM
14
10000
f=1.0MHz
I D =7A
12
VGS , Gate to Source Voltage (V)
V DS =20V
10
V DS =25V V DS =32V C (pF)
Ciss
1000
8
6
100
4
Coss Crss
2
0 0 5 10 15 20 25 30 35
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
VDS (V)
Fig 7. Gate Charge Characteristics
100
Fig 8. Typical Capacitance Characteristics
1
DUTY=0.5
Normalized Thermal Response (R thja)
10
0.2
0.1
0.1
1ms ID (A)
1
0.05
10ms 100ms
PDM
0.02 0.01 Single Pulse
t T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja = 135C/W
0.1
T c =25 o C Single Pulse
0.01
1s
DC
0.01 0.1 1 10 100
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
V DS (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
8/21/2004 Rev.2.01
www.SiliconStandard.com
4 of 5
SSM9962M/GM
VDS
RD
90%
D
VDS
TO THE OSCILLOSCOPE 0.5 x RATED V DS
RG
G
+ 10 v -
S VGS
10% VGS td(on) tr td(off) tf
Fig 11. Switching Time Circuit
Fig 12. Switching Time Waveform
VG
VDS TO THE OSCILLOSCOPE
QG 4.5V
D
0.5 x RATED V DS G S
+
QGS
QGD
VGS
1~ 3 mA
IG I
D
Charge
Q
Fig 13. Gate Charge Circuit
Fig 14. Gate Charge Waveform
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
8/21/2004 Rev.2.01
www.SiliconStandard.com
5 of 5


▲Up To Search▲   

 
Price & Availability of SSM9962GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X